Part Number Hot Search : 
ZRT10003 NTE457 SZ4018 2SC2073A BZM55B27 DOC4724 2N1037 2903002
Product Description
Full Text Search
 

To Download 1N5615 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5615 THRU 1N5623
GLASS PASSIVATED FAST SWITCHING RECTIFIER
Reverse Voltage - 200 to 1000 Volts
DO-204AP
Forward Current - 1.0 Ampere
FEATURES
0.034 (0.86) 0.028 (0.71) DIA. 1.0 (25.4) MIN.
0.240 (6.1) MAX.
0.150 (3.8) 0.100 (2.5) DIA.
High temperature metallurgically bonded construction Hermetically sealed case Glass passivated cavity-free junction 1.0 Ampere operation at TA=55C with no thermal runaway Typical IR less than 0.1A Capable of meeting environmental standards of MIL-S-19500 Fast switching for high efficiency High temperature soldering guaranteed: 350C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
P A T
E
N
T
E
D
*
1.0 (25.4) MIN.
MECHANICAL DATA
Case: JEDEC DO-204AP Solid glass body Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.02 ounce, 0.56 gram
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
1N5615
1N5617
1N5619
1N5621
1N5623
UNITS
*Maximum repetitive peak reverse voltage Maximum RMS voltage *Maximum DC blocking voltage *Minimum reverse breakdown voltage at 50 A *Maximum average forward rectified current 0.375" (9.5mm) lead length at T A=55C *Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) *Maximum instantaneous forward voltage at 1.0A *Maximum DC reverse current at rated DC blocking voltage TA=25C TA=100C TA=200C
VRRM VRMS VDC V(BR) I(AV)
200 140 200 220
400 280 400 440
600 420 600 660 1.0
800 560 800 880
1000 700 1000 1100
Volts Volts Volts Volts Amp
IFSM VF IR trr CJ RJA TJ TSTG 150 45 150 35
50.0 1.2 0.5 25.0 1500.0 250 25 55.0 -65 to +175 -65 to +200 300 20 500 15
Amps Volts A ns pF C/W C C
*Maximum reverse recovery time (NOTE 1) *Maximum junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) *Operating junction temperature range *Storage temperature range
NOTES: (1) Reverse recovery test conditions IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHZ and applied reverse voltage of 12 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B.mounted *JEDEC registered values
4/98
RATINGS AND CHARACTERISTIC CURVES 1N5615 THRU 1N5623
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 1 - FORWARD CURRENT DERATING CURVE INSTANTANEOUS SURGE CURRENT, AMPERES
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
1.0
50
0.75
RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5mm) LEAD LENGTH
40
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) TJ=TJ max.
0.5
30
20
0.25
10
0 25 50 75 100 125 150 175
AMBIENT TEMPERATURE, C
0
1
10
NUMBER OF CYCLES AT 60 HZ
100
FIG. 3 -TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10.0
INSTANTANEOUS FORWARD CURRENT, AMPERES
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
20 10
1
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ=125C
0.1
1
TJ=75C
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25C
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
30
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHZ Vsig=50m Vp-p
0.01
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
10
1
1
10
REVERSE VOLTAGE, VOLTS
100


▲Up To Search▲   

 
Price & Availability of 1N5615

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X